Part Number Hot Search : 
FA450 AMC71501 6SMB20 HMBZ5223 TLP733 DLZ19CA 1N5523 TR300
Product Description
Full Text Search
 

To Download 2SC3969 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3969
DESCRIPTION *With TO-220C package *Low collector saturation voltage *High breakdown voltage *Fast switching speed APPLICATIONS *For high voltage switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current -DC Collector current-Peak Ta=25 Collector power dissipation TC=25 Junction temperature Storage temperature 40 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 400 400 7 2 4 2 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector outoput capacitance CONDITIONS IC=1.0A ;IB1=0.1A,L=1mH IC=1mA ;IB=0 IC=50A ;IE=0 IE=50A ;IC=0 IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=400V; IE=0 VEB=7V; IC=0 IC=0.1A ; VCE=5V IE=-0.1A ; VCE=10V;f=5MHz IE=0; f=1MHz ; VCB=10V 25 MIN 400 400 400 7 SYMBOL VCEO(SUS) V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB
2SC3969
TYP.
MAX
UNIT V V V V
1.0 1.5 10 10 50 10 30
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time VCC@200V ,IC=0.8A IB1=-IB2=0.08A;RL=250B 1.0 2.5 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3969
Fig.2 Outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3969

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X